Electronic Components Datasheet Search
  English  ▼

X  

TC237 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TC237
Description  32-Bit Single-Chip Microcontroller
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC237 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TC237 Datasheet HTML 35Page - Infineon Technologies AG TC237 Datasheet HTML 36Page - Infineon Technologies AG TC237 Datasheet HTML 37Page - Infineon Technologies AG TC237 Datasheet HTML 38Page - Infineon Technologies AG TC237 Datasheet HTML 39Page - Infineon Technologies AG TC237 Datasheet HTML 40Page - Infineon Technologies AG TC237 Datasheet HTML 41Page - Infineon Technologies AG TC237 Datasheet HTML 42Page - Infineon Technologies AG TC237 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 238 page
background image
TC233 / TC234 / TC237
Package and Pinning DefinitionsPG-LFBGA-292-6 Package Variant Pin
Data Sheet
2-33
V 1.0 2017-03
E13
P14.2
I
A1 / PU /
VDDP3
General-purpose input
TIM0_5
GTM_TIN
SCU_HWCFG2_EVR13
SCU input
P14.2
O0
General-purpose output
TOM0_5
O1
GTM_TOUT (= DTM1_OUT5)
TOM1_5
GTM_TOUT (= DTM5_OUT5)
TOM0_6N
GTM_TOUT (= DTM1_OUT6_N)
TOM1_6N
GTM_TOUT (= DTM5_OUT6_N)
IOM_REF1_15
IOM reference input
—O2
Reserved
QSPI2_SLSO1
O3
QSPI2 output (aka: SLSO21)
—O4
Reserved
—O5
Reserved
—O6
Reserved
—O7
Reserved
B14
P14.3
I
A1 / PU /
VDDP3
General-purpose input
TIM0_6
GTM_TIN
SCU_REQ10
SCU input
SCU_HWCFG3_BMI
SCU input
P14.3
O0
General-purpose output
TOM0_6
O1
GTM_TOUT (= DTM1_OUT6)
TOM1_6
GTM_TOUT (= DTM5_OUT6)
IOM_REF2_4
IOM reference input
—O2
Reserved
QSPI2_SLSO3
O3
QSPI2 output (aka: SLSO23)
ASCLIN1_SLSO
O4
ASCLIN1 output (aka: ASLSO1)
—O5
Reserved
—O6
Reserved
—O7
Reserved
Table 2-7
Port 14 Functions
(cont’d)
Ball
Symbol
Ctrl.
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com