Electronic Components Datasheet Search
  English  ▼

X  

TS9004 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9004
Description  300mA CMOS LDO Adjustable Voltage with Enable & Power Good
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9004 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9004 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9004
1-1
2003/12 rev. B
TS9004
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
Low Drop Out Voltage 0.4V
Adjustable Voltage
Enable Shutdown
Power Good
General Description
The TS9004 is a positive voltage linear regulator developed utilizing CMOS technology featured low quiescent current
(30uA typ.), low dropout voltage, and high output voltage accuracy, making them ideal for battery applications. The Chip
Enable (CE) includes a CMOS or TTL compatible input allows the output to be turned off to prolong battery life. The
TS9004 is included a precision voltage reference, current fold-back, error correction circuit, a current limited output driver,
over temperature shutdown, and a “Power Good” detector, which pulls low when the output is out of regulation.
This series are offered in 6-pin SOT-26 package.
Features
Dropout voltage typically 0.4V@Io=300mA (Vo>2.5V)
Low power consumption: 30uA (typ.)
Output voltage +/-2.5%
Internal current limit and thermal shutdown
Short circuit current fold-back
Power saving shutdown mode
Power good output function
Adjustable output vlotage
Applications
Palmtops
Video recorders
Battery powered equipment
PC peripherals
High-efficiency linear power supplies
Digital signal camera
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS9004CX6
-40 ~ +85
oC
SOT-26
Typical Application Circuit
TS9004
Block Diagram
Pin assignment
1. Input
6. Output
2. Ground 5. Feedback
3. Enable
4. Power Good


Similar Part No. - TS9004

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004 Datasheet
311Kb / 7P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Touchstone Semiconducto...
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
1Mb / 12P
Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Taiwan Semiconductor Co...
TS9004C TSC-TS9004C Datasheet
311Kb / 7P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
More results

Similar Description - TS9004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
300mA CMOS LDO with Enable & Power Good
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
300mA CMOS LDO with Enable
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
300mA CMOS LDO with Enable
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com