Electronic Components Datasheet Search
  English  ▼

X  

TS9010 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9010
Description  150mA CMOS Low Dropout Voltage Regulator with Enable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9010 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9010 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS9010 series
1-4
2004/09 rev. C
TS9010
150mA CMOS Low Dropout Voltage Regulator with Enable
Low Power Consumption
Low Drop Out Voltage 0.4V
Enable Shutdown
General Description
The TS9010 series is combine high accuracy with very low power consumption, providing high output current even when
the application requires very low dropout voltage. The Chip Enable (CE) includes a CMOS or TTL compatible input allows
the output to be turned off to prolong battery life. The TS9010 series is included a precision voltage reference, error
correction circuit, a current limited output driver and over temperature shutdown.
This series are offered in 5-pin SOT-25 package.
Features
Dropout voltage typically 0.4V @Io=150mA (Vo=5V)
Output current up to 150mA (Vout=3V)
Low power consumption
Output voltage +/-2%
Internal current limit
Thermal shutdown protection
Ordering Information
Note: Where x denotes voltage option, available are
A
= 1.5V
D
= 1.8V,
K
= 2.5V,
S
= 3.3V,
5
= 5.0V.
Contact factory for additional voltage options.
Part No.
Operating Temp.
(Ambient)
Package
TS9010xCX5
-40 ~ +85
oC
SOT-25
Applications
Palmtops
Video recorders
Battery powered equipment
PC peripherals
High-efficiency linear power supplies
Digital signal camera
Block Diagram
Typical Application Circuit
CE (pin 3) may be connected directly to Vin (pin 2)
Pin assignment
1. Ground
2. Input
3. Enable
4. N/C
5. Output


Similar Part No. - TS9010

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010 Datasheet
236Kb / 6P
150mA CMOS LDO with Enable
TS9010XCX5RF TSC-TS9010XCX5RF Datasheet
82Kb / 6P
150mA CMOS LDO with Enable
TS9010 TSC-TS9010_07 Datasheet
236Kb / 6P
150mA CMOS LDO with Enable
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
150mA CMOS LDO with Enable
More results

Similar Description - TS9010

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
150mA CMOS Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
300mA CMOS Low Dropout Voltage Regulator with Enable
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
80mA CMOS Low Dropout Voltage Regulator with Enable
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
150mA CMOS Low Dropout Regulator
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com