Electronic Components Datasheet Search
  English  ▼

X  

HM1001 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1001
Description  Infrared sensor analog front end dedicated chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1001 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1001 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1001 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1001 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1001 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1001 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1001 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1001 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1001 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1001 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HM1001
September 2018 - REVISED
Jan 2019
电特性
(
VIN = 5.0V, TA = 25°C,除非特别说明。)
参数
符号
测试条件
最小值
典型值
最大值
单位
输入电源电压
VDD
2.7
5
5.5
V
静态电流
IQ
待机模式
Vin=5V, V o=0
82
μA
第一级放大器共模电平
VCOM1
300
mV
第一级放大器输入电阻
Rin1
40
kΩ
第一级放大器反馈电阻
RF1
4
MΩ
第二级放大器共模电平
VCOM2
800
mV
第二级放大器输入电阻
Rin2
20
kΩ
第二级放大器反馈电阻
RF2
2
MΩ
光控比较阈值
VC
VC下降
1
V
光控比较阈值迟滞
VCHYS
VC上升
10
mV
输出延迟时间
tX
RTX=100K
9
s
LDO输出电压
VLDO
2.6
V
LDO最大输出电流
ILDO
5
mA
上电启动延时
ts
30
s
输出驱动电流
ISC
Vin=5V,
VO输入/ 输出
50
mA
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com