Electronic Components Datasheet Search
  English  ▼

X  

HM1136 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1136
Description  Low Noise, High PSRR, High Speed, CMOS LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1136 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1136 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1136 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1136 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1136 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1136 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1136 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1136 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1136 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1136 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HM1136
Low Noise, High PSRR, High Speed, CMOS LDO
Page 4
RECOMMANDED OPERATING RANGE
SYMBOL
ITEMS
VALUE
UNIT
VIN
Supply Voltage
2.5 to 6.5
V
IOUT
Output Current
<300
mA
TOPT
Operating Temperature
-40 to +85
ELECTRICAL CHARACTERISTICS
The following specifications apply for VOUT=2.8V TA=25 , unless specified otherwise.
SYMBOL
ITEMS
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage
6.5
V
VOUT
Output Range
VOUT <2V VIN=2.7V, IOUT=1mA
-3
VOUT
3
%
VOUT ≥2V, IOUT=1mA
-2
VOUT
2
IQ
Quiescent Current
VOUT=2.8V, IOUT=0
35
μA
ILIMIT
Current Limit
VIN=VEN=4.5V
500
mA
VDROP
Dropout Voltage
VOUT=2.8V, IOUT=200mA
220
250
mV
VOUT=2.8V, IOUT=300mA
320
350
VLINE
Line Regulation
VIN=2.7~5.5V, IOUT=1mA
0.01
0.15
%/V
VLOAD
Load Regulation
VOUT=2.8V, IOUT=1~300mA
40
70
mV
ISHORT
Short Current
VEN=VIN, VOUT Short to GND with 1Ω
80
mA
ISHDN
Shut-down Current
VEN=0V
1
μA
PSRR
Power Supply Rejection
Rate
VIN=5VDC+0.5VP-P
F=1KHz, IOUT=10mA
75
dB
VIN=5VDC+0.5VP-P
F=1MHz, IOUT=10mA
55
VENH
EN logic high voltage
VIN=5.5V, IOUT=1mA
1.2
VIN
V
VENL
EN logic low voltage
VIN=5.5V, VOUT=0V
0.4
V
IEN
EN Input Current
VEN= 0 to 5.5V
1.0
μA
eNO
Output Noise Voltage
10Hz to 100KHz, COUT=1μF
20
μVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com