Electronic Components Datasheet Search
  English  ▼

X  

HM1486 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1486
Description  2A 4 0 V Synchronous Step - D ow n Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1486 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1486 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1486 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1486 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1486 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1486 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1486 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1486 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1486 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SOP8
Pin
Name
Description
1
SW
SW is the switching node that supplies power to the output. Connect the output LC filter from SW
to the output load.
2
BST
Bootstrap pin for top switch. A 0.01uF or larger capacitor should be connected between this pin
and the SW pin to supply current to the top switch and top switch driver.
3
VD
Output of the internal LDO. A capacitor of 2.2uF or larger should be connected at VD to ground.
4
FB
Output feedback pin. FB senses the output voltage and is regulated by the control loop to 0.8V.
Connect a resistive divider at FB.
5
NC
6
NC
7
EN
Drive EN pin high to turn on the regulator and low to turn off the regulator.
8
VIN
Input voltage pin. VIN supplies power to the IC. Connect a 3.6V to 40V supply to VIN and bypass
VIN to GND with a suitably large capacitor to eliminate noise on the input to the IC.
9
GND
Ground.
PIN DESCRIPTION
BLOCK DIAGRAM
4
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
2A 4 0 V Synchronous Step - D ow n Converter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com