Electronic Components Datasheet Search
  English  ▼

X  

HM1487 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1487
Description  high efficiency synchronous step-down DC-DC regulator capable of delivering 6A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1487 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1487 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1487 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1487 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1487 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1487 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1487 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1487 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1487 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1487 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
(VIN = 12V, TA = 25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
4
23
V
Input UVLO Threshold
VUVLO
VIN Rising
3.9
V
UVLO hysteresis
VHYS
0.1
V
Quiescent Current
IQ
IOUT=0, VOUT=VSET*105%
120
145
µA
Shutdown Current
ISHDN
EN=0,
6
10
µA
Feedback Reference
Voltage
VREF
0.594
0.6
0.606
V
Top FET RON
RDS(ON)1
38
mΩ
Bottom FET RON
RDS(ON)2
19
mΩ
Output Discharge Current
IDIS
70
mA
Top FET Current Limit
ILMT,HSFET
17
A
Bottom FET Current
Limit
ILMT, LSFET
ILMT=Low
6.7
7.8
8.9
A
ILMT=Floating
9.3
10.6
11.9
A
ILMT=High
12
13.3
14.8
A
Soft Start Time
tSS
1.3
ms
EN/MODE Rising
Threshold
VENH
1
V
EN/MODE Falling
Threshold
VENL
0.4
V
ILMT Rising Threshold
VILMTH
Vcc-0.5
V
ILMT Falling Threshold
VILMTL
0.5
V
Switching Frequency
FOSC
510
600
690
kHz
Min ON Time
TON,MIN
VIN=VINMAX
50
ns
Min OFF Time
TOFF,MIN
150
ns
VCC Output Voltage
VCC
With 1mA Load
3.2
3.3
3.4
V
Output Over Voltage
Threshold
VOVP
VFB Rising
115
120
125
%VREF
Output Over Voltage
Hysteresis
VOVP,HYS
1.5
%VREF
Output OVP Delay
tOVP,DLY
20
µs
Output Under Voltage
Protection Threshold
VUVP
VFB Falling
57.5
62.5
67.5
%VREF
Output UVP Delay
tUVP,DLY
200
us
Power Good Threshold
VPG
VFB Rising (Good)
92
%VREF
Power Good Hysteresis
VPG,HYS
1.5
%VREF
Power Good Delay
tPG,RISING
Low to high
200
µs
tPG,FALLING
High to low
10
µs
Bypass Switch Turn-on
Voltage
VBYP
2.97
3.1
3.21
V
Bypass Switch
Switchover Hysteresis
VBYP,HYS
0.15
V
Bypass Switch OVP
VBYP,OVP
120
%VCC
Thermal Shutdown
Temperature
TSD
150
°C
Thermal Shutdown
hysteresis
THYS
15
°C
Note 1: Stresses beyond the “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated in the
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com