Electronic Components Datasheet Search
  English  ▼

X  

HM2512 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2512
Description  2~6-Cell battery-powered brushed DC motor drive circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2512 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2512 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2512 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2512 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2512 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2512 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2512 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2512 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2512 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2512 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HM2512
2~6
4
VDD=5V
VCC
1.8
3
5.5
V
VDD
2
-
9.6
V
IOUT
1.5
A
(3)
(4)
(TA=25
VCC=3V
VDD =6V
)
VCC
IVCCST
INA=INB=L; VCC=3V;
VDD=9V;
0
0.1
μA
VDD
IVDDST
0
0.1
VCC
IVCC
INA=H or INB=H;
28
VDD
IVDD
27
VINH
2
V
VINL
0.8
V
VINHYS
0.3
V
IINH
VINH=3V,VCC=3V
3
μA
RIN
VINH=3V,VCC=3V
1
MΩ
RON
IO=±200mA VDD=6V TA=25 oC
0.45
Ω
IO=±1A VDD=6V TA=25 oC
0.46
TSD
150
TSDHYS
60
PMOS
VPD
I=400mA,VCC=3V,VDD=INA=INB=0V
0.82
V
NMOS
VND
I=-400mA,VCC=VDD=3V,INA=INB=0V
0.73
V
tr
INB=GND,INA
20KHZ
PWM
OUTA
100
GND
102
ns
tf
23.6
A
A
trr
INB=GND,INA
20KHZ
PWM
OUTA
100
GND
272
tff
148
A
B
trf
INB=5V,INA
20KHZ
PWM
OUTB
100
GND
136
tfr
292



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com