Electronic Components Datasheet Search
  English  ▼

X  

14044 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 14044
Description  Flat cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

14044 Datasheet(HTML) 1 Page - Festo Corporation.

  14044 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flat cylinder
DZH-32-80-PPV-A
Part number: 14044
Data sheet
Feature
Value
Stroke
80 mm
Piston diameter
32 mm
Equivalent diameter
Max. angle of rotation of the piston rod +/-
1.7 deg
Type code
DZH
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Mode of operation
Double-acting
Design
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991235
Protection against torsion/guide
Oval piston
Operating pressure
0.6 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Cushioning length
19 mm
Max. torque for protection against rotation
1 Nm
Theoretical force at 6 bar, retracting
415 N
Theoretical force at 6 bar, advancing
483 N
Additional weight per 10 mm stroke
30 g
Basic weight with 0 mm stroke
500 g
Type of mounting
With internal thread
With accessories
Optionally:
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
Aluminum
Seals material
TPE-U(PU)
Housing material
Aluminum
Piston rod material
High-alloy steel
7/29/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 14044

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404407 PHOENIX-1404407 Datasheet
528Kb / 18P
SAC-4P- 3,0-PVC/M12FS - Sensor/actuator cable
1404408 PHOENIX-1404408 Datasheet
528Kb / 18P
SAC-4P- 5,0-PVC/M12FS - Sensor/actuator cable
1404410 PHOENIX-1404410 Datasheet
305Kb / 6P
Connector - SACC-M12MS-12SOL-PG 9-M SH
1404411 PHOENIX-1404411 Datasheet
319Kb / 6P
Connector - SACC-M12FS-12SOL-PG 9-M SH
1404412 PHOENIX-1404412 Datasheet
343Kb / 6P
Connector - SACC-M12MR-12SOL-PG 9-M SH
More results

Similar Description - 14044

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DZF-12-25-P-A FESTO-DZF-12-25-P-A Datasheet
92Kb / 1P
Flat cylinder
DZF-12-160-A-P-A FESTO-DZF-12-160-A-P-A Datasheet
86Kb / 1P
Flat cylinder
DZF-18-40-A-P-A FESTO-DZF-18-40-A-P-A Datasheet
90Kb / 1P
Flat cylinder
DZF-18-100-P-A FESTO-DZF-18-100-P-A Datasheet
88Kb / 1P
Flat cylinder
DZF-18-160-A-P-A FESTO-DZF-18-160-A-P-A Datasheet
90Kb / 1P
Flat cylinder
DZF-25-100-A-P-A FESTO-DZF-25-100-A-P-A Datasheet
89Kb / 1P
Flat cylinder
DZF-25-100-P-A FESTO-DZF-25-100-P-A Datasheet
81Kb / 1P
Flat cylinder
DZF-25-125-A-P-A FESTO-DZF-25-125-A-P-A Datasheet
89Kb / 1P
Flat cylinder
DZF-32-40-P-A FESTO-DZF-32-40-P-A Datasheet
81Kb / 1P
Flat cylinder
DZF-32-125-A-P-A FESTO-DZF-32-125-A-P-A Datasheet
89Kb / 1P
Flat cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com