Electronic Components Datasheet Search
  English  ▼

X  

KMA320 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # KMA320
Description  Dual channel programmable angle sensor IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA320 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button KMA320 Datasheet HTML 8Page - NXP Semiconductors KMA320 Datasheet HTML 9Page - NXP Semiconductors KMA320 Datasheet HTML 10Page - NXP Semiconductors KMA320 Datasheet HTML 11Page - NXP Semiconductors KMA320 Datasheet HTML 12Page - NXP Semiconductors KMA320 Datasheet HTML 13Page - NXP Semiconductors KMA320 Datasheet HTML 14Page - NXP Semiconductors KMA320 Datasheet HTML 15Page - NXP Semiconductors KMA320 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
NXP Semiconductors
KMA320
Dual channel programmable angle sensor IC
KMA320
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 28 January 2019
12 / 72
A.1
H.1
D5[1]
D4
D3[2]
12-bit value
Angle
12-bit value Angle/mode
1111
1111
1111
4095
reserved
4095
initialization message
[1]
MSN.
[2]
LSN.
[3]
For detailed diagnostic information, the serial data communication can be enabled.
For the dual throttle position sensor formats A.1 and H.1, the clamping levels must
be set to the correct values to comply with the SAE J2716 SENT specification.
A.1: CLAMP_HIGH = 4094, CLAMP_LOW = 1. H.1: CLAMP_HIGH = 4088,
CLAMP_LOW = 1. Otherwise angular values overwrite the reserved data range for
diagnostic information.
8.9 High-speed 12-bit message format H.3
The KMA320 generates the sequence defined in Table 12 repeatedly in accordance with
the high-speed 12-bit message format H.3 defined in SAE J2716 APR2016. This mode
realizes almost a doubling of the update rate compared to other modes. The increase
of the update rate is achieved by transmitting 12-bit angular data with only four DATA
nibbles using only 3 bit of the available 4 bit per nibble. The MSB of each nibble is always
zero. Additionally, the clock tick length shall be set to 2.7 µs typically with a maximum
variation of ±10 %. The SYNC, STATUS, and CRC nibble and the serial communication
are the same as for the other protocol formats.
aaa-008204
12-bit message
fast channel
56 ticks
4-bit
3-bit
3-bit
3-bit
3-bit
4-bit
overall message - 131 clock ticks to 187 clock ticks (depending on data values)
Figure 8. High-speed 12-bit message format frame H.3
Table 12. High-speed 12-bit message format: frame
SYNC
STATUS
DATA0
DATA1
DATA2
DATA3
CRC
-
D0[1]
D1
D2
D3[2]
-
-
diagnostic and
pre-warning
12-bit angular value
-
[1]
MSN.
[2]
LSN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com