Electronic Components Datasheet Search
  English  ▼

X  

C11794 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11794
Description  ~20째 medium beam with 4 optics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11794 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11794 Datasheet HTML 1Page - Ledil, Inc. C11794 Datasheet HTML 2Page - Ledil, Inc. C11794 Datasheet HTML 3Page - Ledil, Inc. C11794 Datasheet HTML 4Page - Ledil, Inc. C11794 Datasheet HTML 5Page - Ledil, Inc. C11794 Datasheet HTML 6Page - Ledil, Inc. C11794 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C11794_ANNA-40-4-M
ANNA-40-4-M
~20° medium beam with 4 optics
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 40.0 mm
Height
10.7 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
ANNA-40-4-M
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C11794_ANNA-40-4-M
» Box size: 480 x 280 x 300 mm
760
40
5.7
Last update: 26/10/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C11794

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11794 CREE-C11794 Datasheet
1Mb / 20P
Anna series
More results

Similar Description - C11794

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11711 LEDIL-C11711 Datasheet
1Mb / 7P
~20째 medium beam with 3 optics
C11714 LEDIL-C11714 Datasheet
1Mb / 7P
~20째 medium beam with 5 optics
C11717 LEDIL-C11717 Datasheet
5Mb / 8P
~20째 medium beam with 7 optics
C11806 LEDIL-C11806 Datasheet
1Mb / 8P
~20째 medium beam with 6 optics
C11812 LEDIL-C11812 Datasheet
1Mb / 7P
~20째 medium beam with 6 optics
C13484 LEDIL-C13484 Datasheet
2Mb / 9P
~20째 medium beam with 7 optics
C11800 LEDIL-C11800 Datasheet
1Mb / 7P
~20째 medium beam with 4 optics
C11607 LEDIL-C11607 Datasheet
1Mb / 7P
~20째 medium beam with 3 optics
C11679 LEDIL-C11679 Datasheet
1Mb / 7P
~20째 medium beam with 7 optics
C12782 LEDIL-C12782 Datasheet
8Mb / 7P
~30째 medium beam with 4 optics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com