Electronic Components Datasheet Search
  English  ▼

X  

C11801 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11801
Description  ~30째 wide beam with 4 optics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11801 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11801 Datasheet HTML 1Page - Ledil, Inc. C11801 Datasheet HTML 2Page - Ledil, Inc. C11801 Datasheet HTML 3Page - Ledil, Inc. C11801 Datasheet HTML 4Page - Ledil, Inc. C11801 Datasheet HTML 5Page - Ledil, Inc. C11801 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C11801_ANNA-50-4-W
ANNA-50-4-W
~30° wide beam with 4 optics
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50.0 mm
Height
10.7 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
ANNA-50-4-W
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C11801_ANNA-50-4-W
» Box size: 480 x 280 x 300 mm
512
96
32
2.3
Last update: 26/10/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - C11801

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11801 CREE-C11801 Datasheet
1Mb / 15P
Anna series
logo
General Cable Technolog...
C118011 GENERAL-C118011 Datasheet
33Kb / 1P
1C 9.5 SOLID BCCS PE FILAMENT AIRCORE OAS PVC
More results

Similar Description - C11801

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11715 LEDIL-C11715 Datasheet
1Mb / 6P
~30째 wide beam with 5 optics
C11718 LEDIL-C11718 Datasheet
10Mb / 8P
~30째 wide beam with 7 optics
C11795 LEDIL-C11795 Datasheet
1Mb / 6P
~30째 wide beam with 4 optics
C11807 LEDIL-C11807 Datasheet
1Mb / 6P
~30째 wide beam with 6 optics
C11813 LEDIL-C11813 Datasheet
1Mb / 7P
~30째 wide beam with 6 optics
C13485 LEDIL-C13485 Datasheet
2Mb / 8P
~30째 wide beam with 7 optics
C11682 LEDIL-C11682 Datasheet
1Mb / 7P
~30째 wide beam with 7 optics
C11608 LEDIL-C11608 Datasheet
1Mb / 6P
~30째 wide beam with 3 optics
C11614 LEDIL-C11614 Datasheet
1Mb / 6P
~30째 wide beam with 5 optics
C12782 LEDIL-C12782 Datasheet
8Mb / 7P
~30째 medium beam with 4 optics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com