Electronic Components Datasheet Search
  English  ▼

X  

C11805 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11805
Description  ~15째 spot beam with 6 optics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11805 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11805 Datasheet HTML 1Page - Ledil, Inc. C11805 Datasheet HTML 2Page - Ledil, Inc. C11805 Datasheet HTML 3Page - Ledil, Inc. C11805 Datasheet HTML 4Page - Ledil, Inc. C11805 Datasheet HTML 5Page - Ledil, Inc. C11805 Datasheet HTML 6Page - Ledil, Inc. C11805 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C11805_ANNA-40-6-S
ANNA-40-6-S
~15° spot beam with 6 optics
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 40.0 mm
Height
10.7 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
ANNA-40-6-S
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C11805_ANNA-40-6-S
» Box size: 480 x 280 x 300 mm
760
120
40
7.7
Last update: 26/10/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C11805

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11805 CREE-C11805 Datasheet
1Mb / 21P
Anna series
More results

Similar Description - C11805

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11710 LEDIL-C11710 Datasheet
1Mb / 7P
~15째 spot beam with 3 optics
C11713 LEDIL-C11713 Datasheet
1Mb / 7P
~15째 spot beam with 5 optics
C11716 LEDIL-C11716 Datasheet
6Mb / 7P
~15째 spot beam with 7 optics
C11793 LEDIL-C11793 Datasheet
1Mb / 7P
~15째 spot beam with 4 optics
C11811 LEDIL-C11811 Datasheet
1Mb / 7P
~15째 spot beam with 6 optics
C13483 LEDIL-C13483 Datasheet
2Mb / 9P
~15째 spot beam with 7 optics
C11799 LEDIL-C11799 Datasheet
1Mb / 7P
~15째 spot beam with 4 optics
C11606 LEDIL-C11606 Datasheet
1Mb / 7P
~15째 spot beam with 3 optics
C11612 LEDIL-C11612 Datasheet
1Mb / 6P
~15째 spot beam with 5 optics
logo
C&D Technologies
C11670 CANDD-C11670 Datasheet
1Mb / 6P
~15째 spot beam with 7 optics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com