Electronic Components Datasheet Search
  English  ▼

X  

C12763 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12763
Description  ~100째 x 20째 oval beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12763 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12763 Datasheet HTML 1Page - Ledil, Inc. C12763 Datasheet HTML 2Page - Ledil, Inc. C12763 Datasheet HTML 3Page - Ledil, Inc. C12763 Datasheet HTML 4Page - Ledil, Inc. C12763 Datasheet HTML 5Page - Ledil, Inc. C12763 Datasheet HTML 6Page - Ledil, Inc. C12763 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C12763_FLARE-MINI-A
FLARE-MINI-A
~100° x 20° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.0 mm
Height
8.6 mm
Fastening
glue
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
FLARE-MINI-A
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C12763_FLARE-MINI-A
» Box size: 300 x 250 x 250 mm
2400
120
3.8
Last update: 23/11/2019
Subject to change without prior notice
Published: 13/09/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C12763

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12763 CREE-C12763 Datasheet
1Mb / 25P
Flare series
More results

Similar Description - C12763

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12837 LEDIL-C12837 Datasheet
2Mb / 7P
~100째 x 20째 oval beam. Assembly with location pins
C13015 LEDIL-C13015 Datasheet
2Mb / 7P
~100째 x 20째 oval beam
C13016 LEDIL-C13016 Datasheet
2Mb / 8P
~100째 x 20째 oval beam. Assembly with location pins
CA12764 LEDIL-CA12764 Datasheet
3Mb / 9P
~100째 x 20째 oval beam
CA12838 LEDIL-CA12838 Datasheet
5Mb / 11P
~100째 x 20째 oval beam. Assembly with location pins and installation tape
CA13057 LEDIL-CA13057 Datasheet
3Mb / 8P
~100째 x 20째 oval beam. Assembly with installation tape
CA13058 LEDIL-CA13058 Datasheet
6Mb / 9P
~100째 x 20째 oval beam
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CP12943 LEDIL-CP12943 Datasheet
4Mb / 9P
~40째 x 20째 oval beam
FP11851 LEDIL-FP11851 Datasheet
1Mb / 6P
~20째 x 50째 oval beam.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com