Electronic Components Datasheet Search
  English  ▼

X  

C14613 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14613
Description  43 x 28 mm lens with ~80째 20째 tilted oval beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14613 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14613 Datasheet HTML 1Page - Ledil, Inc. C14613 Datasheet HTML 2Page - Ledil, Inc. C14613 Datasheet HTML 3Page - Ledil, Inc. C14613 Datasheet HTML 4Page - Ledil, Inc. C14613 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C14613_FLARE-MAXI-T
FLARE-MAXI-T
43 x 28 mm lens with ~80° + 20° tilted oval beam
for low pole street/pathway lighting
TECHNICAL SPECIFICATIONS:
Dimensions
43.0 x 28.4 mm
Height
15.5 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
FLARE-MAXI-T
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C14613_FLARE-MAXI-T
» Box size:
1176
168
2
10.0
Last update: 07/12/2019
Subject to change without prior notice
Published: 13/09/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - C14613

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14613 CREE-C14613 Datasheet
686Kb / 9P
Flare series
More results

Similar Description - C14613

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
2F10053 LEDIL-2F10053 Datasheet
1Mb / 5P
23 x 25 mm lens with ~140째 x 20째 oval beam
C10527 LEDIL-C10527 Datasheet
2Mb / 4P
25 x 25 mm lens with ~95째 x 20째 diffused oval beam
C12763 LEDIL-C12763 Datasheet
2Mb / 7P
~100째 x 20째 oval beam
C13015 LEDIL-C13015 Datasheet
2Mb / 7P
~100째 x 20째 oval beam
CA12764 LEDIL-CA12764 Datasheet
3Mb / 9P
~100째 x 20째 oval beam
CA13058 LEDIL-CA13058 Datasheet
6Mb / 9P
~100째 x 20째 oval beam
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CP12943 LEDIL-CP12943 Datasheet
4Mb / 9P
~40째 x 20째 oval beam
FP11125 LEDIL-FP11125 Datasheet
2Mb / 7P
~45째 x 20째 oval beam
FP11851 LEDIL-FP11851 Datasheet
1Mb / 6P
~20째 x 50째 oval beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com