Electronic Components Datasheet Search
  English  ▼

X  

CA12802 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12802
Description  ~16째 diffused spot beam optimized for LUXEON M and MX.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12802 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12802 Datasheet HTML 1Page - Ledil, Inc. CA12802 Datasheet HTML 2Page - Ledil, Inc. CA12802 Datasheet HTML 3Page - Ledil, Inc. CA12802 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA12802_EVA-D
EVA-D
~16° diffused spot beam optimized for LUXEON
M
and
MX.
Assembly
with
holder
and
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37.7 mm
Height
17.2 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
EVA-D
Single lens
PMMA
clear
EVA-HLD-LUXEON-M
Holder
PC
black
SPUTNIK-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12802_EVA-D
» Box size: 480 x 280 x 300 mm
Single lens
675
45
10.0
Last update: 03/02/2020
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CA12802

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12802 CREE-CA12802 Datasheet
341Kb / 6P
Eva series
More results

Similar Description - CA12802

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10646 LEDIL-FA10646_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83.
CA11172 LEDIL-CA11172_18 Datasheet
3Mb / 6P
~16째 diffused spot beam optimized for Nichia NS6x83
CA11942 LEDIL-CA11942 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NCSxx19
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Avago Jade.
FA10308 LEDIL-FA10308 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for LUXEON K2. Assembly with transparent holder.
FCX10852 LEDIL-FCX10852 Datasheet
1Mb / 4P
~16째 diffused spot beam optimized for LUXEON Rebel. Assembly with white holder.
CP12671 LEDIL-CP12671 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CP12818 LEDIL-CP12818 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CA12803 LEDIL-CA12803 Datasheet
1Mb / 4P
~25째 medium beam optimized for LUXEON M and MX
FA11209 LEDIL-FA11209 Datasheet
1Mb / 5P
~16째 diffused spot beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com