Electronic Components Datasheet Search
  English  ▼

X  

F15553 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F15553
Description  ~20째 beam. 8X1 variant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15553 Datasheet(HTML) 1 Page - Ledil, Inc.

  F15553 Datasheet HTML 1Page - Ledil, Inc. F15553 Datasheet HTML 2Page - Ledil, Inc. F15553 Datasheet HTML 3Page - Ledil, Inc. F15553 Datasheet HTML 4Page - Ledil, Inc. F15553 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
F15553_JENNY-8X1-20
JENNY-8X1-20
~20° beam. 8X1 variant.
TECHNICAL SPECIFICATIONS:
Dimensions
280.0 x 35.0 mm
Height
14.5 mm
Fastening
glue, pin
Colour
clear
Box size
398 x 298 x 265 mm
Box weight
10.5 kg
Quantity in Box
150 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
JENNY-8X1-20
Multi-lens
Silicone
clear
Last update: 11/01/2019
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - F15553

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15554 LEDIL-F15554 Datasheet
2Mb / 5P
~40째 beam. 8X1 variant
F15555 LEDIL-F15555 Datasheet
2Mb / 5P
~60째 beam. 8X1 variant
F15558 LEDIL-F15558 Datasheet
1Mb / 29P
Mirella Reflector
F15558 LEDIL-F15558 Datasheet
8Mb / 9P
~15째 spot beam. Compatible with LEDiL HEKLA.
F15558 LEDIL-F15558_18 Datasheet
8Mb / 9P
~15째 spot beam. Compatible with LEDiL HEKLA.
More results

Similar Description - F15553

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN17175 LEDIL-CN17175 Datasheet
4Mb / 4P
~50째 wide beam. 8X1 variant in matt black.
CN17176 LEDIL-CN17176 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt black.
CN17177 LEDIL-CN17177 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt white.
CN17178 LEDIL-CN17178 Datasheet
6Mb / 4P
~50째 wide beam. 8X1 variant in matt white.
CN17343 LEDIL-CN17343 Datasheet
6Mb / 4P
~50째 wide beam. 8X1 variant in matt white with diffused lenses.
CN17345 LEDIL-CN17345 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt black with diffused lenses.
F15538 LEDIL-F15538 Datasheet
3Mb / 6P
~20째 beam
CS17088 LEDIL-CS17088 Datasheet
3Mb / 7P
~20째 spot beam. Variant made from PC.
F15554 LEDIL-F15554 Datasheet
2Mb / 5P
~40째 beam. 8X1 variant
F15555 LEDIL-F15555 Datasheet
2Mb / 5P
~60째 beam. 8X1 variant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com