Electronic Components Datasheet Search
  English  ▼

X  

MCS7715 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCS7715
Description  USB to Combo Serial & Printer Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS7715 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCS7715 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS7715 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 2-10
MCS7715
USB to Combo Serial & Printer Port
Features
• Single 3.3V – 5.0V operation
• Lowpower
• Full compliance with the USB V1.1 specification
• Standard 16C450/550 compatible
UART
• Supports 920kbps data rate
• Programmable baud rate generator
• Modem control signals
• 5, 6, 7, 8-bit character selection
• Even, odd, no parity, or force parity
generations
• Status report capability
• Single IEEE-1284
compatible printer port
• Fast data rates up to 1.5M Bps
• 16-byte FIFO
• Software program-
mable printer mode
selects
• Microsoft compatible
• Available in 48-pin LQFP package
Applications
• High-speed modems
• Monitoring equipment
• Serial networking
• Printer server
• Portable backup units
• Printer interface
Application Note
•AN-7715
Evaluation Board
• MCS7715-EVB
General Description
The MCS7715 controller provides bridging between the
Universal Serial Bus (USB) input an enhanced UART
port and an IEEE-1284 bi-directional printer port. This
device contains all the necessary logic to communicate
with the host computer via the USB bus.
In addition, the MCS7715 contains a 3.3V regulator and
operates in bus-powered mode.
The MCS7715 has a reduced frequency (6MHz) crystal
oscillator. This combination of features allows signifi-
cant cost savings in system design along with straight-
forward implementation of serial port functionality into
PC peripherals using the host’s USB port.
Ordering Information
Commercial Grade ( 0° C to +70° C )
MCS7715CQ
48-LQFP
Standard
MCS7715CQ-GR
48-LQFP
RoHS


Similar Part No. - MCS7715

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS7780 ETC1-MCS7780 Datasheet
247Kb / 2P
USB to IrDa Port
MCS7784 ETC1-MCS7784 Datasheet
247Kb / 2P
USB to IrDa Port
MCS7784CS ETC1-MCS7784CS Datasheet
247Kb / 2P
USB to IrDa Port
MCS7784CS-GR ETC1-MCS7784CS-GR Datasheet
247Kb / 2P
USB to IrDa Port
More results

Similar Description - MCS7715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410 TI-TUSB3410 Datasheet
317Kb / 92P
USB TO SERIAL PORT CONTROLLER
TUSB3410 TI-TUSB3410_10 Datasheet
1Mb / 98P
USB to Serial Port Controller
TUSB3410-Q1 TI1-TUSB3410-Q1 Datasheet
1,009Kb / 94P
USB To Serial Port Controller
logo
List of Unclassifed Man...
1059 ETC1-1059 Datasheet
60Kb / 1P
DB9F to DB25M Serial Printer Cable
logo
Prolific Technology Inc...
PL2305 PROLIFIC-PL2305 Datasheet
211Kb / 1P
USB to Printer Port Bridge Controller
logo
IOGEAR
GUB231 IOGEAR-GUB231 Datasheet
139Kb / 2P
2-Port USB 2.0 Automatic Printer Switch
GUB211W6 IOGEAR-GUB211W6 Datasheet
141Kb / 2P
2-Port USB 2.0 Printer Auto Sharing Switch
logo
Coolgear Inc.
CG-232485CBO COOLGEAR-CG-232485CBO Datasheet
161Kb / 1P
2 Port RS232/422/485 Serial to USB 2.0 Combo Adapter
logo
Black Box Registered Tr...
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
US-759 BLACKBOX-US-759 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial Isolated USB to Serial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com