Electronic Components Datasheet Search
  English  ▼

X  

TSM2321 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2321
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2321 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2321 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2321 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2321 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2321 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2321 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM2321
1-5
2005/06 rev. A
TSM2321
-20V P-Channel Enhancement Mode MOSFET
VDS = - 20V
RDS (on), Vgs @ -4.5V, Ids @ -3.2A = 65mΩ
RDS (on), Vgs @ -2.5V, Ids @ -2.0A = 90mΩ
Features
Advanced trench process technology
High density cell design for ultra low on-resistance
Excellent thermal and electrical capabilities
Compact and low profile SOT-23 package
Block Diagram
Ordering Information
Part No.
Packing
Package
TSM2321CX
Tape & Reel
SOT-23
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20V
V
Gate-Source Voltage
VGS
±10
V
Continuous Drain Current
ID
-3.2
A
Pulsed Drain Current
IDM
-11
A
Ta = 25
oC
1.25
Maximum Power Dissipation
Ta = 75
oC
PD
0.8
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Lead Temperature (1/8” from case)
TL
5
S
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
100
oC/W
Note: Surface mounted on FR4 board t<=5sec.
Pin assignment:
1. Gate
2. Source
3. Drain


Similar Part No. - TSM2321

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2320CX TSC-TSM2320CX Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2323 TSC-TSM2323 Datasheet
369Kb / 6P
20V P-Channel MOSFET
TSM2323CX TSC-TSM2323CX Datasheet
240Kb / 6P
30V P-Channel MOSFET
TSM2323CXRF TSC-TSM2323CXRF Datasheet
369Kb / 6P
20V P-Channel MOSFET
More results

Similar Description - TSM2321

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com