Electronic Components Datasheet Search
  English  ▼

X  

TSM2832 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2832
Description  20V N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2832 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2832 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2832 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2832 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2832 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2832 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM2832
1-1
2003/12 rev. A
TSM2832
20V N-Channel Enhancement Mode MOSFET
Pin assignment:
1. Gate
2. Drain
3. Source
VDS = 20V
RDS (on), Vgs @ 4.5V, Ids @ 3.6A = 60mΩ
RDS (on), Vgs @ 2.5V, Ids @ 3.1A = 90mΩ
Features
Advanced trench process technology
High density cell design for ultra low on-resistance
Excellent thermal and electrical capabilities
2.5V operating voltage
Block Diagram
Ordering Information
Part No.
Packing
Package
TSM2832CY
Tape & Reel
1kpcs per reel
SOT-89
Absolute Maximum Rating (Ta = 25℃ unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20V
V
Gate-Source Voltage
VGS
± 8
V
Continuous Drain Current
ID
3.6
A
Pulsed Drain Current
IDM
10
A
Ta = 25
oC
1.5
Maximum Power Dissipation
Ta = 75
oC
PD
1.0
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Lead Temperature (1/8” from case)
TL
5
S
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
65
oC/W
Note: Surface mounted on FR4 board t<=5sec.


Similar Part No. - TSM2832

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2831 TSC-TSM2831 Datasheet
170Kb / 5P
20V P-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM2832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2015UFDE DIODES-DMN2015UFDE_15 Datasheet
526Kb / 6P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com