Electronic Components Datasheet Search
  English  ▼

X  

TSM3401 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3401
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3401 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM3401 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3401 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3401 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3401 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3401 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM3401
2-5
2005/05 rev. A
Electrical Characteristics
Ta = 25
oC, unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = - 250uA
BVDSS
-30
--
--
V
Drain-Source On-State Resistance
VGS = - 10V, ID = -3A
RDS(ON)
--
--
75
Drain-Source On-State Resistance
VGS = - 4.5V, ID = -2A
RDS(ON)
--
--
100
mΩ
Gate Threshold Voltage
VDS = VGS, ID = - 250uA
VGS(TH)
-1
-1.5
-2.5
V
Zero Gate Voltage Drain Current
VDS = -24V, VGS = 0V
IDSS
--
--
-1.0
uA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
On-State Drain Current
VDS =-5V, VGS = -10V
ID(ON)
6
--
--
A
Forward Transconductance
VDS = -5V, ID = -3A
gfs
--
5
--
S
Dynamic
VDS = -15V, ID = -3A, VGS = -10V
--
13.5
--
Total Gate Charge
VDS = -15V, ID = -3A, VGS = -4.5V
Qg
--
7
--
Gate-Source Charge
Qgs
--
2.3
--
Gate-Drain Charge
VDS = -15V, ID = -3A, VGS = -10V
Qgd
--
2.8
--
nC
Turn-On Delay Time
td(on)
--
13
--
Turn-On Rise Time
tr
--
7
--
Turn-Off Delay Time
td(off)
--
58
--
Turn-Off Fall Time
VDD = -15V, RL = 15Ω,
ID = -1A, VGEN = -10V, RG = 6Ω
tf
--
26
--
nS
Input Capacitance
Ciss
--
653
--
Output Capacitance
Coss
--
130
--
Reverse Transfer Capacitance
VDS = -15V, VGS = 0V,
f = 1.0MHz
Crss
--
97
--
pF
Source-Drain Diode
Diode Forward Voltage
IS = - 1.6A, VGS = 0V
VSD
--
- 0.8
- 1.2
V
Note : pulse test: pulse width <=300uS, duty cycle <=2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com