Electronic Components Datasheet Search
  English  ▼

X  

TSM3442 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3442
Description  20V N-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3442 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM3442 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3442 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3442 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TSM3442
2-2
2003/12 rev. A
Electrical Characteristics
Rate ID = 2.4A, (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
20
--
--
V
Drain-Source On-State
Resistance
VGS = 4.5V, ID = 3.6A
RDS(ON)
--
45
60
Drain-Source On-State
Resistance
VGS = 2.5V, ID = 3.1A
RDS(ON)
--
70
90
mΩ
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
0.45
--
--
V
Zero Gate Voltage Drain Current
VDS = 20V, VGS = 0V
IDSS
--
--
1.0
uA
Gate Body Leakage
VGS = ± 8V, VDS = 0V
IGSS
--
--
± 100
nA
On-State Drain Current
VDS ≧ 5V, VGS = 4.5V
ID(ON)
6
--
--
A
Forward Transconductance
VDS = 5V, ID = 3.6A
gfs
--
10
--
S
Dynamic
Total Gate Charge
Qg
--
5.0
10
Gate-Source Charge
Qgs
--
0.65
--
Gate-Drain Charge
VDS = 10V, ID = 3.6A,
VGS = 4.5V
Qgd
--
1.5
--
nC
Turn-On Delay Time
td(on)
--
7
15
Turn-On Rise Time
tr
--
55
80
Turn-Off Delay Time
td(off)
--
16
60
Turn-Off Fall Time
VDD = 10V, RL = 10Ω,
ID = 1A, VGEN = 4.5V,
RG = 6Ω
tf
--
10
25
nS
Input Capacitance
Ciss
--
450
--
Output Capacitance
Coss
--
70
--
Reverse Transfer Capacitance
VDS = 10V, VGS = 0V,
f = 1.0MHz
Crss
--
43
--
pF
Source-Drain Diode
Max. Diode Forward Current
IS
--
--
1.6
A
Diode Forward Voltage
IS = 1.0A, VGS = 0V
VSD
--
0.75
1.2
V
Note : pulse test: pulse width <=300uS, duty cycle <=2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com