Electronic Components Datasheet Search
  English  ▼

X  

1750142 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1750142
Description  STB 3/4-ST-5,08
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750142 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1750142 Datasheet HTML 1Page - PHOENIX CONTACT 1750142 Datasheet HTML 2Page - PHOENIX CONTACT 1750142 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STB 3/4-ST-5,08 Order No.: 1752043
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1752043
PHOENIX CONTACT Deutschland GmbH
Page 2 / 3
http://www.phoenixcontact.de
Mar 19, 2010
UL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
30-14
Accessories
Item
Designation
Description
General
1750142
CS-STB
Coding profile, for plugging into the coding ribs of the plug at a
later date, insulating material, color: Red
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
1400078
BN-ZB 5/WH:UNBEDRUCKT
BN Zack strip, unprinted: 10-section, for individual labeling with M-
PEN or CMS system, sufficient for labeling 100 terminal blocks
1400201
BNB-ZB 5,LGS:FORTL.ZAHLEN BNB Zack marker strip, labeled horizontally: 10-section, divisible,
with consecutive numbers, 1-10, 11-20 etc. up to 491-500
Plug/Adapter
0201731
MPS-IH BK
Insulating sleeve, for MPS metal part, Color: black
0201702
MPS-IH GN
Insulating sleeve, for MPS metal part, Color: green
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201663
MPS-IH WH
Insulating sleeve, for MPS metal part, Color: white
0201744
MPS-MT
Metal part
0201647
RPS
Reducing plug, Color: gray



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com