Electronic Components Datasheet Search
  English  ▼

X  

HM2743 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2743
Description  High efficiency, low energy consumption non-isolated regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2743 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2743 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2743 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2743 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2743 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2743 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2743 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2743 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2743 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2743 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
电气参数(正常情况下,环境温度为 25 ºC )
符号
参数
测试条件
最小值
典型值
最大值
单位
ICHRG
VIN 内部充电电流
2.5
3.5
4.5
mA
VBD
VIN 端口耐压
650
-
-
V
IBPQ
BP 端口静态电流
BP=VSTARTUP+0.1V,
FB=2V
-
730
-
uA
IBPQN
BP 端口静态电流(无开关)
BP=VSTARTUP+0.1V,
FB=3V
-
230
-
uA
VSTARTUP
BP 启动电压
9.2
10.2
11.2
V
VRESTART
BP 再启动电压
8.3
9.3
10.3
V
VBPOFF
BP 关断电压
-
3.1
-
V
VLIMIT
BP 过压嵌位电压
10.2
11.2
12.2
V
VPEAK
CS 峰值电压
430
480
530
mV
TLEB
前沿消隐时间
-
350
-
ns
VFB
反馈电压
2.60
2.65
2.70
V
TMAXON
最大导通时间
-
26
-
us
TMINOFF
最小关断时间
-
15
-
us
TSCP
短路保护延迟时间
-
150
-
ms
VOLP
FB 过载保护电压
BP=VSTARTUP+0.1V
1.4
1.58
1.65
V
TSD
热关断温度
-
155
-
℃
典型性能参数
VIN = 230V AC, VOUT = 12V , IOUT = 300mA, L=1.3mH, C=100μF, T=25℃
HM2743



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com