Electronic Components Datasheet Search
  English  ▼

X  

HM3136 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3136
Description  PWM CONVERTER CONTROL CIRCUITS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3136 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3136 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3136 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3136 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3136 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3136 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3136 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3136 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Test Condition (VOUT = 12V)
Test
Conditions
Value (Typ.)
Unit
Line Regulation
VIN= 25 to 130V, I O = 1000 mA
50
mV
Load Regulation
VIN = 60V, IO= 70 to 1000 mA
100
mV
Efficency
VIN = 60V, IO = 1000 mA
80
%
Out Voltage
VIN = 60V, IO = 1000 mA
12
V
PWM CONVERTER CONTROL CIRCUITS
产品规格书
典型应用参数
典型应用参数
U6119S
1R0*2
HM3136/HM3136A
3
HM3136
1R0*2
OUT 12V/1A
HM3136



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com