Electronic Components Datasheet Search
  English  ▼

X  

HM4002 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4002
Description  Low-power pyroelectric infrared sensor signal processing chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4002 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4002 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4002 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4002 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4002 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4002 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4002 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4002 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4002 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4002 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
(2)电气特性
参数
单位
最小值
典型值
最大值
使用条件
工作电压
VDD
V
2.8
3.3
5.5
-
工作电流
IDD
uA
43
52
60
VDD=5V,OUT 端无负载,外加 PIR 测试
驱动能力
IOUT
mA
10
20
25
VDD=5V ,Vout=4V 时
工作温度
TWORK
℃
-20
25
80
-
存储温度
TSTORE
℃
-25
25
120
-
五、典型应用电路
(1)原理图(电池感应 LED 灯应用)
(2)  物料清单
序号
位置
型号规格
数量
备注
1
C1
100nF/6.3V
X7R
1
电容
2
C2
1uF/6.3V
X7R
1
电容
3
C3
39nF/6.3V
X7R
1
电容
4
C4、C7
4.7uF/6.3V
X7R
2
电容
5
C6
150pF/6.3V
X7R
1
延时电容
6
R1、R2
33K
%5
1
电阻
7
R4
2.2M
%5
1
电阻
8
R5(可选)
1M
%5
1
电阻
9
Q1(可选)
HM2302
N型MOS管 SOT23-3
1
MOS/三极管
10
U1
HM4002
SOP-8
1
IC
11
R6、R7(可选)
100R 1206 %5
2
输出限流电阻
12
PIR
红外传感器(推荐D203 RE200B)
1
传感器
13
CDS(可选)
光敏电阻/二极管
1
光敏电阻/二极管
14
LED(可选)
单串LED灯珠/灯板
1
负载灯
注:物料清单中“可选”项,为根据客户实际应用电路选择需要与否,绿色物料是必要元器件。
HM4002



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com