Electronic Components Datasheet Search
  English  ▼

X  

1752373 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752373
Description  Printed-circuit board connector - MSTB 2,5/ 5-ST AU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752373 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752373 Datasheet HTML 1Page - PHOENIX CONTACT 1752373 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1752373
03/24/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/ 5-ST AU - 1752373
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 5, Pitch: 5 mm, Connection method: Screw
connection, Color: green, Contact surface: Gold
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
8.69 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
20 mm
General
Range of articles
MSTB 2,5/..-ST
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
5
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²


Similar Part No. - 1752373

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1752373-1 TEC-1752373-1 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
1752373-1 TEC-1752373-1 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
1752373-1 TEC-1752373-1 Datasheet
4Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
1752373-1 TEC-1752373-1 Datasheet
5Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
1752373-1 TEC-1752373-1 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 1752373

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752399 PHOENIX-1752399 Datasheet
139Kb / 12P
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 AU
1717013 PHOENIX-1717013 Datasheet
53Kb / 3P
Printed-circuit board connector - MSTB 2,5/18-ST AU
1749030 PHOENIX-1749030 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-ST AU
1749661 PHOENIX-1749661 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/19-ST AU
1752108 PHOENIX-1752108 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 2-ST AU
1752289 PHOENIX-1752289 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST AU
1752467 PHOENIX-1752467 Datasheet
89Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 6-ST AU
1752551 PHOENIX-1752551 Datasheet
88Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 7-ST AU
1752658 PHOENIX-1752658 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-ST AU
1752849 PHOENIX-1752849 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-ST AU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com