Electronic Components Datasheet Search
  English  ▼

X  

HM4091 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4091
Description  1A Lithium battery charging IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4091 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4091 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4091 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4091 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4091 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4091 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4091 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4091 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4091 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4091 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
应用电路:
VIN
FB
CHRG
DONE
红色
LED
BAT
HM4091
C2
ISET
GND
TEMP
RISET
输入电压
2
1
5
3
7
8
4
6
330
绿色
LED
C1
NTC
R2
R1
电池
图
1 典型应用电路(恒压充电电压 4.2V)
VIN
FB
CHRG
DONE
红色
LED
BAT
HM4091
ISET
GND
TEMP
RISET
输入电压
2
1
5
3
7
8
4
6
330
绿色
LED
C1
NTC
R2
R1
电池
Rx
图
2 应用电路(利用外接电阻调整恒压充电电压)
2
HM
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com