Electronic Components Datasheet Search
  English  ▼

X  

HM4093 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4093
Description  Switch-mode battery charging controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4093 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4093 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4093 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4093 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4093 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4093 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4093 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4093 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4093 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4093 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
特性曲線:
(輸入電壓=12V, 充電電流=3A, 電池電壓=3.7V, 環溫= 25°C, 如果沒有特別註明的話)
Charge Current vs.Battery Voltage
0
500
1000
1500
2000
2500
3000
3500
5
5.5
6
6.5
7
7.5
8
8.5
9
Battery Voltage (V)
Charge Current vs. Battery Voltage
0
500
1000
1500
2000
2500
3000
3500
8.26 8.28 8.3 8.32 8.34 8.36 8.38 8.4 8.42 8.44 8.46
Battery Voltage (V)
Charge Current vs.VSET Voltage
0
500
1000
1500
2000
2500
3000
3500
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
VSET Voltage (V)
Battery Regulation(Float) Voltage vs. Supply Voltage
4.21
4.212
4.214
4.216
4.218
4.22
4.222
4.224
4.226
4
6
8
10
12
14
16
18
Supply Voltage (V)
Trickle Current vs. Supply Voltage
290
295
300
305
310
315
4
6
8
10
12
14
16
18
Supply Voltage (V)
Charge Current vs. Supply Voltage
2800
2850
2900
2950
3000
3050
4
6
8
10
12
14
16
18
Supply Voltage (V)
VIN=12V
2Cells Setting
VIN=12V
2Cells Setting
VBAT=5V
2Cells Setting
HM4093



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com