Electronic Components Datasheet Search
  English  ▼

X  

1752564 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752564
Description  Printed-circuit board connector - MSTB 2,5/ 7-ST BK AU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752564 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752564 Datasheet HTML 1Page - PHOENIX CONTACT 1752564 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1752564
03/24/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/ 7-ST BK AU - 1752564
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 7, Pitch: 5 mm, Connection method: Screw
connection, Color: black, Contact surface: Gold
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
11.93 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
30 mm
General
Range of articles
MSTB 2,5/..-ST
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
7
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²


Similar Part No. - 1752564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17525 ETC2-17525 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Festo Corporation.
175250 FESTO-175250 Datasheet
88Kb / 2P
Pressure switch
7/13/22
logo
List of Unclassifed Man...
1752510B1 ETC2-1752510B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN : SPECIAL USE DETACHABLE POWER SUPPLY CORD
logo
Festo Corporation.
175252 FESTO-175252 Datasheet
91Kb / 1P
Pressure switch
7/13/22
logo
PHOENIX CONTACT
1752522 PHOENIX-1752522 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 7-G AU
More results

Similar Description - 1752564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758623 PHOENIX-1758623 Datasheet
448Kb / 16P
Printed-circuit board connector - MSTB 2,5/ 7-ST-5,08 BK
1749221 PHOENIX-1749221 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-ST BK AU
1749315 PHOENIX-1749315 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/15-ST BK AU
1749768 PHOENIX-1749768 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/20-ST BK AU
1752205 PHOENIX-1752205 Datasheet
127Kb / 6P
Printed-circuit board connector - MSTB 2,5/ 3-ST BK AU
1752470 PHOENIX-1752470 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 6-ST BK AU
1752551 PHOENIX-1752551 Datasheet
88Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 7-ST AU
1752577 PHOENIX-1752577 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 7-ST-5,08 AU
1752674 PHOENIX-1752674 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-ST BK AU
1752852 PHOENIX-1752852 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-ST BK AU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com