Electronic Components Datasheet Search
  English  ▼

X  

1752645 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752645
Description  Printed-circuit board connector - MSTB 2,5/ 8-G-5,08 AU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752645 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752645 Datasheet HTML 1Page - PHOENIX CONTACT 1752645 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1752645
03/24/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/ 8-G-5,08 AU - 1752645
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Number of positions: 8, Pitch: 5.08 mm, Color: green, Contact surface: Gold
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
3.53 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
35.56 mm
General
Range of articles
MSTB 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
green
Number of positions
8
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701


Similar Part No. - 1752645

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
175265 MACOM-175265 Datasheet
33Kb / 1P
.040 IISERIES S RECEPTACLE CONTACT
logo
PHOENIX CONTACT
1752658 PHOENIX-1752658 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-ST AU
logo
Weidmuller
1752660000 WEIDMULLER-1752660000 Datasheet
575Kb / 7P
BL 3.50/02/180F AU OR BX
logo
PHOENIX CONTACT
1752674 PHOENIX-1752674 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-ST BK AU
logo
Tyco Electronics
1752680-1 MACOM-1752680-1 Datasheet
1Mb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
More results

Similar Description - 1752645

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752182 PHOENIX-1752182 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-G-5,08 AU
1765739 PHOENIX-1765739 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-G-5,08 BK AU
1749027 PHOENIX-1749027 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-G-5,08 AU
1752276 PHOENIX-1752276 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-G-5,08 AU
1752454 PHOENIX-1752454 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 AU
1758911 PHOENIX-1758911 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-G-5,08 BK
1783643 PHOENIX-1783643 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-G-5,08 GY
1764510 PHOENIX-1764510 Datasheet
48Kb / 3P
Printed-circuit board connector - MSTB 2,5/15-G-5,08 BK AU
1764617 PHOENIX-1764617 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 BK AU
1752098 PHOENIX-1752098 Datasheet
117Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 2-G-5,08 AU
11/04/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com