Electronic Components Datasheet Search
  English  ▼

X  

1736713 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1736713
Description  MSTB 2,5/ 4-ST-5,08 AU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1736713 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1736713 Datasheet HTML 1Page - PHOENIX CONTACT 1736713 Datasheet HTML 2Page - PHOENIX CONTACT 1736713 Datasheet HTML 3Page - PHOENIX CONTACT 1736713 Datasheet HTML 4Page - PHOENIX CONTACT 1736713 Datasheet HTML 5Page - PHOENIX CONTACT 1736713 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MSTB 2,5/ 4-ST-5,08 AU Order No.: 1752302
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1752302
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Jan 28, 2011
1788745
MSTBVK 2,5/ 4-G-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320
V, Number of positions: 4, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: DIN rail
1788554
MVSTBU 2,5/ 4-GB-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320
V, Number of positions: 4, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Direct mounting
1769489
SMSTB 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 4, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1767397
SMSTBA 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 4, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
3002034
UK 3-MSTB-5,08
Feed-through modular terminal block, Type of connection: Special
and hybrid connection, Screw connection, Cross section: 0.2
mm² - 4 mm², AWG 24 - 12, Width: 5.08 mm, Color: gray,
Mounting type: NS 32, NS 35/15, NS 35/7.5
3002076
UK 3-MVSTB-5,08
Feed-through modular terminal block, Nominal current: 12
A, Nominal voltage: 250 V, Cross-section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 32, NS 35/15, NS 35/7.5,
Pitch: 5.08 mm, Width: 5.1, Color: gray
3002102
UK 3-MVSTB-5,08-LA 24RD
Feed-through modular terminal block, Nominal current: 12
A, Nominal voltage: 250 V, Cross-section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 32, NS 35/15, NS 35/7.5,
Pitch: 5.08 mm, Width: 5.08, Color: gray
3002063
UK 3-MVSTB-5,08/EK
Feed-through modular terminal block, Nominal current: 12
A, Nominal voltage: 250 V, Cross-section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 35/7.5, NS 35/15, NS 32,
Pitch: 5.08 mm, Width: 5.1, Color: blue
3002131
UK 3D-MSTBV-5,08
Feed-through modular terminal block, Type of connection: Special
and hybrid connection, Screw connection, Cross section: 0.2
mm² - 4 mm², AWG 24 - 12, Width: 5.08 mm, Color: gray,
Mounting type: NS 32, NS 35/15, NS 35/7.5
3002144
UK 3D-MSTBV-5,08-LA 24RD
Feed-through modular terminal block, Type of connection: Screw
connection, Screw connection, Number of positions: 1, Cross
section: 0.2 mm² - 4 mm², AWG 24 - 12, Width: 5.1 mm,
Color: gray, Mounting type: NS 32, NS 35/15, NS 35/7.5
3002173
UK 3D-MSTBV-5,08/EK
Feed-through modular terminal block, Type of connection: Screw
connection, Screw connection, Cross section: 0.2 mm² - 4 mm²,
AWG 24 - 12, Width: 5.1 mm, Color: blue, Mounting type: NS
32, NS 35/15, NS 35/7.5
2770888
UKK 3-MSTB-5,08
Double-level modular terminal block with COMBICON plug-
in zone, nominal current: 12 A, nominal voltage: 250 V, cross
section: 0.2 mm² - 4 mm², AWG: 24 - 12, mounting type: NS
35/7.5, NS 35/15, NS 32, pitch: 5.08 mm, width: 5.08, color: gray
1876615
UKK 3-MSTB-5,08-PE
Feed-through modular terminal block, Nominal current: 12
A, Nominal voltage: 320 V, Cross-section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 35/7.5, NS 35/15, NS 32,
Pitch: 5.08 mm, Width: 5.08, Color: green-yellow



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com