Electronic Components Datasheet Search
  English  ▼

X  

1752674 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752674
Description  Printed-circuit board connector - MSTB 2,5/ 8-ST BK AU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752674 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752674 Datasheet HTML 1Page - PHOENIX CONTACT 1752674 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1752674
03/24/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/ 8-ST BK AU - 1752674
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 8, Pitch: 5 mm, Connection method: Screw
connection, Color: black, Contact surface: Gold
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
13.73 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
35 mm
General
Range of articles
MSTB 2,5/..-ST
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
8
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²


Similar Part No. - 1752674

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752645 PHOENIX-1752645 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-G-5,08 AU
logo
Tyco Electronics
175265 MACOM-175265 Datasheet
33Kb / 1P
.040 IISERIES S RECEPTACLE CONTACT
logo
PHOENIX CONTACT
1752658 PHOENIX-1752658 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-ST AU
logo
Weidmuller
1752660000 WEIDMULLER-1752660000 Datasheet
575Kb / 7P
BL 3.50/02/180F AU OR BX
logo
Tyco Electronics
1752680-1 MACOM-1752680-1 Datasheet
1Mb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
More results

Similar Description - 1752674

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749221 PHOENIX-1749221 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-ST BK AU
1749315 PHOENIX-1749315 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/15-ST BK AU
1749768 PHOENIX-1749768 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/20-ST BK AU
1752205 PHOENIX-1752205 Datasheet
127Kb / 6P
Printed-circuit board connector - MSTB 2,5/ 3-ST BK AU
1752470 PHOENIX-1752470 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 6-ST BK AU
1752564 PHOENIX-1752564 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 7-ST BK AU
1752658 PHOENIX-1752658 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-ST AU
1752852 PHOENIX-1752852 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-ST BK AU
1764604 PHOENIX-1764604 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 6-ST-5,08 BK AU
1872143 PHOENIX-1872143 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST-5,08 AU BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com