Electronic Components Datasheet Search
  English  ▼

X  

1752687 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752687
Description  MSTB 2,5/ 8-ST-5,08 AU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752687 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752687 Datasheet HTML 1Page - PHOENIX CONTACT 1752687 Datasheet HTML 2Page - PHOENIX CONTACT 1752687 Datasheet HTML 3Page - PHOENIX CONTACT 1752687 Datasheet HTML 4Page - PHOENIX CONTACT 1752687 Datasheet HTML 5Page - PHOENIX CONTACT 1752687 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 8-ST-5,08 AU
Order No.: 1752687
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1752687
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 8, Pitch: 5.08 mm, Color: green, Metal surface:
Au
 
Commercial data
GTIN (EAN)
4
017918
122416
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1752687

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1752680-1 MACOM-1752680-1 Datasheet
1Mb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
1752680-2 MACOM-1752680-2 Datasheet
1Mb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
1752680-3 MACOM-1752680-3 Datasheet
1Mb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
1752680-4 MACOM-1752680-4 Datasheet
1Mb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
1752680-5 MACOM-1752680-5 Datasheet
1Mb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
More results

Similar Description - 1752687

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1849037 PHOENIX-1849037 Datasheet
125Kb / 5P
MSTB 2,5/ 5-ST-5,08 ABGY AU
1705229 PHOENIX-1705229 Datasheet
96Kb / 2P
MSTB 2,5/ 4-ST-5,08 AU (1,4)
1749140 PHOENIX-1749140 Datasheet
113Kb / 5P
MSTB 2,5/13-ST-5,08 AU
1752124 PHOENIX-1752124 Datasheet
113Kb / 5P
MSTB 2,5/ 2-ST-5,08 AU
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1752483 PHOENIX-1752483 Datasheet
103Kb / 3P
MSTB 2,5/ 6-ST-5,08 AU
1752865 PHOENIX-1752865 Datasheet
91Kb / 4P
Plug - MSTB 2,5/10-ST-5,08 AU
1758940 PHOENIX-1758940 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST-5,08 BK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com