Electronic Components Datasheet Search
  English  ▼

X  

1752959 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752959
Description  Printed-circuit board connector - MSTB 2,5/11-ST-5,08 AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752959 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752959 Datasheet HTML 1Page - PHOENIX CONTACT 1752959 Datasheet HTML 2Page - PHOENIX CONTACT 1752959 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1752959
03/24/2014   Page 1 / 3
Printed-circuit board connector - MSTB 2,5/11-ST-5,08 AU - 1752959
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 11, Pitch: 5.08 mm,
Connection method: Screw connection, Color: green, Contact surface: Gold
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
19.3 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
50.8 mm
General
Range of articles
MSTB 2,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A (with 2.5 mm² conductor cross section)
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A3
Stripping length
7 mm
Number of positions
11
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Connection data


Similar Part No. - 1752959

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17529 FREESCALE-17529 Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
logo
List of Unclassifed Man...
17529 ETC2-17529 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Freescale Semiconductor...
17529 FREESCALE-17529 Datasheet
413Kb / 19P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Rev. 4.0, 10/2015
logo
TE Connectivity Ltd
1752938-1 TEC-1752938-1 Datasheet
3Mb / 5P
Socket Contact, Tin, 250 VAC, Locking Lance Contact Retention, 20 - 14 AWG Wire Size, .5-2 mm2 Wire Size, Crimp, Phosphor
08/03/2024 12:30AM
logo
Tyco Electronics
1752938-2 MACOM-1752938-2 Datasheet
245Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 1752959

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752399 PHOENIX-1752399 Datasheet
139Kb / 12P
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 AU
1749056 PHOENIX-1749056 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/12-ST-5,08 AU
1749234 PHOENIX-1749234 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/14-ST-5,08 AU
1749412 PHOENIX-1749412 Datasheet
47Kb / 3P
Printed-circuit board connector - MSTB 2,5/16-ST-5,08 AU
1749771 PHOENIX-1749771 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/20-ST-5,08 AU
1752577 PHOENIX-1752577 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 7-ST-5,08 AU
1752771 PHOENIX-1752771 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 9-ST-5,08 AU
1837890 PHOENIX-1837890 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/11-ST-5,08 BK (VEB)
1872143 PHOENIX-1872143 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST-5,08 AU BK
1751891 PHOENIX-1751891 Datasheet
94Kb / 4P
Printed-circuit board connector - MSTB 2,5/11-ST-5,08 BD:N-NQ
11/04/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com