Electronic Components Datasheet Search
  English  ▼

X  

SZB13A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SZB13A
Description  Zener Voltage Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SZB13A Datasheet(HTML) 1 Page - Leshan Radio Company

  SZB13A Datasheet HTML 1Page - Leshan Radio Company SZB13A Datasheet HTML 2Page - Leshan Radio Company SZB13A Datasheet HTML 3Page - Leshan Radio Company SZB13A Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SZB***A Series
Surface Mount Zener Voltage Regulator Diodes
1. FEATURES
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
●
For surface mounted applications in order to optimize
board space
●
IEC61000-4-2 ESD Air Contact≥±15KV
●
High temperature soldering guaranteed:
260°C/10 seconds,
●
Weight: 0.088g
2.MECHANICAL DATA
Case: Epoxy, Molded
Terminals: Plated leads, solderable per
MIL-STD-202, Method 208
Polarity: With Color band denoted cathode
Mounting Position: Any
3. MAXIMUM RATINGS(Ta = 25ºC)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:
1. Mounted on Copper Leaf area of 1.57in2(40mm2).
2. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
SYMBOL
PM(AV)
Storage Temperature Range
-55 to +175
°C
TJ,TSTG
Z-current
PV/VZ
mA
IZ
RATING
VALUE
UNITS
Steady State Power Dissipation at T A =50°C(Note1)
2
Watts
SZB***A Series
Zener Voltage Regulator Diodes
Leshan Radio Company, LTD.
Rev.A May. 2018
1/4


Similar Part No. - SZB13A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZB05A0A SEOUL-SZB05A0A Datasheet
806Kb / 21P
Z Power LED - Super high Flux output and high Luminance
SZB05A0A-TWM SEOUL-SZB05A0A-TWM Datasheet
806Kb / 21P
Specification
SZB05A0B SEOUL-SZB05A0B Datasheet
676Kb / 20P
Superior Efficacy & Lumen output with Small Form Factor
logo
Leshan Radio Company
SZBF100A LRC-SZBF100A Datasheet
213Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 2.0 Watt Steady State
SZBF10A LRC-SZBF10A Datasheet
213Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 2.0 Watt Steady State
More results

Similar Description - SZB13A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
ZENER VOLTAGE REGULATOR DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
VOLTAGE REGULATOR ZENER DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
Zener Voltage Regulator Diodes
LBZX84CXXXLT1G LRC-LBZX84CXXXLT1G Datasheet
395Kb / 5P
Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com