Electronic Components Datasheet Search
  English  ▼

X  

SZB47A Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SZB47A
Description  Zener Voltage Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SZB47A Datasheet(HTML) 2 Page - Leshan Radio Company

  SZB47A Datasheet HTML 1Page - Leshan Radio Company SZB47A Datasheet HTML 2Page - Leshan Radio Company SZB47A Datasheet HTML 3Page - Leshan Radio Company SZB47A Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SZB***A Series
Surface Mount Zener Voltage Regulator Diodes
4.Product Characteristic
Vz tolerance : ±5%; Ta=25℃ Vfmax =1.2V @ IF = 200mA P=2 W; Tested with pulese tp=40ms
465
1
100
SZB4.3A
SZB4.3A
4.3
116
22
400
SZB*** ASeries
SZB15A
51.7
56
323
294
267
244
SZB8.2A
SZB9.1A
SZB10A
SZB11A
SZB12A
SZB13A
SZB5.1A
Type
SZB5.6A
SZB6.2A
SZB6.8A
SZB7.5A
3
3
3
SZB16A
SZB18A
SZB20A
SZB22A
SZB24A
SZB27A
SZB82A
SZB30A
SZB33A
SZB36A
SZB39A
SZB43A
SZB47A
SZB100A
SZB110A
SZB120A
SZB130A
SZB150A
SZB51A
SZB56A
SZB62A
SZB68A
SZB75A
SZB160A
SZB180A
SZB200A
Device
marking
code
SZB5.1A
SZB5.6A
SZB6.2A
SZB6.8A
SZB7.5A
SZB91A
SZB8.2A
SZB9.1A
SZB10A
SZB11A
SZB12A
SZB13A
SZB15A
SZB16A
SZB18A
SZB20A
SZB22A
SZB24A
SZB27A
SZB30A
SZB33A
SZB36A
SZB39A
SZB43A
SZB110A
SZB120A
SZB130A
SZB47A
SZB51A
SZB56A
SZB62A
SZB68A
SZB75A
SZB150A
SZB160A
SZB180A
SZB200A
Vz@Izt
Volts
5.1
SZB82A
SZB91A
SZB100A
5
5
5
4
4
3
13
15
16
18
7
6
20
22
24
27
17
15
14
13
12
11
10
9
62
68
75
82
8
7
51
56
31
28
25
23
21
19
160
180
67
61
55
50
45
42
38
33
47
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
100
110
120
130
150
30
33
36
39
43
42.6
47.1
200
I zt
mA
98
89
81
74
91
25.1
27.4
29.7
32.7
35.8
38.8
6
7
22.8
15.2
16.7
8
9
7
7.6
40
45
8.4
9.1
9.9
11.4
18.2
20.6
12.2
13.7
1300
VR
Volts
1
2
3
4
1
5
6
4
700
1300
1300
5.5
IR
uA Max
4.5
0.25
Z zt @ I zt
20
5
70
80
550
750
900
1200
10
14
25
35
50
60
Ohms
7
5
2
175
200
16
20
22
23
1350
1650
250
350
1950
Ohms
550
600
95
110
125
150
1300
1300
1300
1300
1300
1300
1300
1300
2500
2500
1300
1300
1300
1300
1500
1500
8500
2500
2500
2500
3000
3000
3000
0.5
5000
5500
6000
6500
7000
1500
1500
2500
2500
76
83
90
98
10000
Z zk@ Izk
m A
0.5
0.5
113
120
135
150
mA
392
357
62.2
69.2
220
200
182
167
154
133
125
111
100
91
83
74
67
61
56
51
47
43
17
15
13
39
36
32
29
27
24
13
11
10
IZM
Zener Voltage
Zener Impedance
Leakage Current
22
20
18
Leshan Radio Company, LTD.
Rev.A May. 2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com