Electronic Components Datasheet Search
  English  ▼

X  

HM5106 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5106
Description  Touch three-function LED driver chip with charge and discharge management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5106 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5106 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5106 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5106 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5106 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5106 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5106 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5106 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5106 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5106 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HM5106
March 2017 - REVISED September 2019
4
电特性
(
VIN = 5.0V, TA = 25°C ,除非特别说明。)
参数
符号
测试条件
最小值
典型值
最大值
单位
输入电源电压
VCC
4.3
5
5.5
V
IN端静态电流
IQ
充电模式
35
100
μA
待机模式
(充电终止)
35
100
μA
稳定输出(浮充)电压
VFLOAT
0°C≤TA≤85°C, IBAT = 120mA
4.158
4.200
4.242
V
BAT 引脚电流
IBAT
充电状态,电流模式
500
mA
放电状态,
LED空载 VBAT=3.6V
-20
-30
μA
过放保护
0
-0.1
-1
μA
涓流充电电流
ITRIKL
VBAT < VTRIKL
50
mA
涓流充电门限电压
VTRIKL
VBAT 上升
2.8
2.9
3.0
V
涓流充电迟滞电压
VTRHYS
60
80
100
mV
VCC欠压闭锁门限电压
VUV
VCC 从低到高
4.1
4.3
4.5
V
C/10终止电流门限
ITERM
50
mA
再充电电池门限电压
∆VRECHRG
VFLOAT - VRECHRG
100
150
200
mV
限定温度模式中的结温
TLIM
145
℃
功率
FET导通电阻
RON
650
mΩ
软启动时间
tSS
IBAT = 0 to IBAT
20
μs
再充电比较器滤波时间
tRECHARGE
VBAT 高至低
0.8
1.8
4.0
ms
CHRG引脚输出低电压
VCHRG
ICHRG = 5mA
0.3
0.6
V
CHRG充电烁闪频率
fCH
1
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com