Electronic Components Datasheet Search
  English  ▼

X  

HM5462DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5462DR
Description  High-precision built-in MOSFET lithium battery protection circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5462DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5462DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5462DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5462DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5462DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5462DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5462DR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5462DR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5462DR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5462DR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
订购信息
[表-1] 产品名称
型号
封装形式
管脚数目
打印标记
DFN6-L
6
1623
[表-2] 电压检测阈值及延迟时间
参数名称
精度范围
过电压充电保护阈值
VOCTYP
4.400V
±25mV
过电压充电恢复阈值
VOCRTYP
4.200V
±50mV
过电压放电保护阈值
VODTYP
2.500V
±75mV
过电压放电恢复阈值
VODRTYP
2.900V
±50mV
过电流放电保护阈值
VEDITYP
0.150V
±2 0mV
过电压充电保护延迟时间
tOCTYP
110ms
±30%
过电压放电保护延迟时间
tODTYP
55ms
±30%
过电流放电保护延迟时间
tEDITYP
7.0ms
±30%
0V 充电功能
允许
低功耗模式
允许
自动恢复功能
允许
管脚排列
顶视图
DFN6L
1
2
3
4
5
6
GND
GND
VDD
VM
P-
P-
MOS-D
图
-2
管脚排列 (不成比例)
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com