Electronic Components Datasheet Search
  English  ▼

X  

HM5465AM Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5465AM
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5465AM Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5465AM Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AM Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AM Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AM Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AM Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AM Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AM Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AM Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AM Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
◼ PART NUMBER INFORMATION
HM5465AX
X=Package Code
V: SOT23
M: SOT23-5L
D: DFN2X2-6L
◼ ORDERING INFROMATION
Part Number
Overcharge
Detection
Voltage
Overcharge
Release
Voltage
Overdischarge
Detection
Voltage
Overdischarge
Release
Voltage
OverCurrent
Detection
Current
HM5465AM
4.3
4.1
2.4
3.0
2.8
HM5465AV
4.3
4.1
2.4
3.0
2.8
HM5465AD
4.3
4.1
2.4
3.0
2.8
◼
ABSOLUTE MAXIMUM RATINGS ( TA = 25℃ Unless otherwise noted )
Symbol
Parameter
Typical
Unit
VDD
Supply Voltage
-0.3~6
V
VM
Input Pin Voltage
-6~8
V
TJ
Operation Junction Temperature
150
℃
TSTG
Storage Temperature Range
-55~+125
℃
TOPR
Operation Temperature
-40~+80
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress rating only and functional device operation is not implied
◼ THERMAL DATA
Symbol
Parameter
Package
Max
Unit
RθJA
Thermal Resistance-Junction to Ambient
SOT23
500
℃/W
SOT23-5L
200
℃/W
DFN2X2-6L
200
℃/W
PD
Power Dissipation
SOT23
0.2
W
SOT23-5L
0.3
W
DFN2X2-6L
0.5
W
HM5465A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com