Electronic Components Datasheet Search
  English  ▼

X  

HM5483 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5483
Description  High-precision built-in MOSFET lithium battery protection circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5483 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5483 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5483 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5483 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5483 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5483 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5483 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5483 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5483 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5483 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
引脚描述
[表-3] 引脚描述
引脚名称
引脚序号
I/O
引脚功能
GND
1, 2
POW
电源接地端,与供电电源(电池)的负极相连。
VDD
3
POW
电源输入端,与供电电源(电池)的正极连接。
VM
4
I
充
/放电电流检测输入端
P-
5, 6
I/O
与充电器或负载的负极连接。
MOS-D
Expose Pad
O
两个
MOSFET 的共漏连接端。
极限参数
供电电源
VDD .................................. -0.3V~+10V
VM 端允许输入电压 ..............VDD-20V~VDD+0.3V
工作温度
TA ...................................-40℃~+85℃
漏
-源极耐压 ................................................. 20V
连续漏极电流
(TA=25℃) ............................... 5A
脉冲漏极电流
............................................... 25A
结温
..........................................................150℃
贮存温度
.................................................. -55℃~125℃
功耗
PD(TA=25℃)
DFN6L 封装(热阻 θJA=80℃/W) ............... 1.5W
焊接温度(锡焊,
10 秒)................................... 260℃
ESD 保护 (人体模式) ............................................ 2kV
注
: 超出所列的极限参数可能导致器件的永久性损坏。以上给出的仅仅是极限范围,在这样的极限条件下工作,
器件的技术指标将得不到保证,长期在这种条件下还会影响器件的可靠性。
HM5483



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com