Electronic Components Datasheet Search
  English  ▼

X  

HM5661 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5661
Description  37V Step-Up LED Driver with PWM to Constant Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5661 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5661 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
 
Electrical Characteristics
 
Typical value: Vcc=3.6V, TA = 25°C, unless otherwise specified.
 
Symbol
 
Parameter
 
Conditions
 
Min.
 
Typ.
 
Max.
 
Unit
 
IC Supply
 
VIN
 
Input operating range
 
 
2.7
 
 
5.5
 
V
 
UVLOHYST
 
UVLO hysteresis
  
 
0.22
 
 
V
 
IC quiescent current(non switching)
 
FB=0.4V
 
 
0.22
 
 
mA
 
 
IQ
 
IC quiescent current(switching)
 
FB=0V
 
 
0.67
 
 
mA
 
ISHDN
 
VIN pin shutdown current
 
EN=GND
  
 
0.1
 
µA
 
Boost Converter
 
FB
 
FB pin accuracy
 
 
0.196
 
0.2
 
0.204
 
V
 
IFB
 
FB pin bias current
  
 
0.1
 
 
µA
 
RDS(ON)
 
NMOS on-resistance
  
 
0.4
 
 
Ω
 
ILX
 
LX pin leakage current
  
 
0.1
 
 
µA
 
ILIM
 
Peak NMOS current limit
 
 
1.0
 
1.3
 
1.6
 
A
FSW
Oscillator frequency
  
1.1
 
MHz
 
DMAX
 
Maximum duty cycle
  
 
95
 
 
%
 
OVP
Over voltage threshold,
Measured at VOUT pin
  
 
37
 
39
 
V
 
TS
 
Start-up time
  
 
1
 
 
ms
 
Logic Signal
 
VTH-L
 
Logic low threshold
  
 
 
0.4
 
V
 
VTH-H
 
Logic high threshold
 
 
1.4
  
 
V
 
TOFF
 
EN low to shutdown time
  
 
2
 
 
ms
 
FEN
 
Dimming frequency
 
 
0.2
 
 
200
 
kHz
 
IC junction thermal shutdown threshold
  
 
146
 
 
°C
 
 
TJ-TH
 
IC junction thermal shutdown hysteresis
  
 
19
 
 
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com