Electronic Components Datasheet Search
  English  ▼

X  

HM5661DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5661DR
Description  37V Step-Up LED Driver with PWM to Constant Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5661DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5661DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661DR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661DR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661DR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5661DR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
 
Pin Assignment
 
TSOT23-6/SOT23-6
DFN2*2-6
 
 
 
LX
1
 
FB
1
 
8
VIN
 
 
 
GND
2
 
 
 
FB
3
 
 
 
 
NC
2
 
 
GND
3
GND
5
EN
 
 
4
LX
 
 
 
 
 
 
Figure 1 Top View
 
 
 
 
 
 
Pin Descriptions
 
 
Name
 
Description
 
LX
 
Converter switching node
 
GND
 
Converter/IC ground
 
FB
 
Output feedback pin regulated at 0.2V
 
EN
 
IC enable and PWM dimming control pin
 
NC
 
No connected
 
VIN
 
IC supply voltage
1
2
3
6
5
4
VIN
NC
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com