Electronic Components Datasheet Search
  English  ▼

X  

1753323 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753323
Description  Printed-circuit board connector - CCDN 2,5/ 4-G1F-5,08 P26THR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753323 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753323 Datasheet HTML 1Page - PHOENIX CONTACT 1753323 Datasheet HTML 2Page - PHOENIX CONTACT 1753323 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1753323
03/27/2014   Page 1 / 3
Printed-circuit board connector - CCDN 2,5/ 4-G1F-5,08 P26
THR - 1753323
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 400 V, Number of positions: 4, Pitch: 5.08 mm, Color: black,
Contact surface: Tin, Assembly: Taped SMD/THT/THR components
The figure shows a 10-pos. version
with 20 contacts
Product Features
 Can be specially combined with FKCN 2,5 compact spring-cage plug
 Standard pin length of 2.6 mm
 Plug-in direction parallel to the PCB
 Minimal space required on the PCB
 Double-level base strip without offset levels
 Use in SMT reflow processes
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
76.0 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
17.6 mm
Pitch
5.08 mm
Dimension a
15.24 mm
Pin dimensions
1 x 1
Pin spacing
5.08 mm


Similar Part No. - 1753323

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
logo
List of Unclassifed Man...
17533 ETC2-17533 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Weidmuller
1753300000 WEIDMULLER-1753300000 Datasheet
100Kb / 5P
PCB connection systems
logo
PHOENIX CONTACT
1753307 PHOENIX-1753307 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 2-G1F-5,08 P26 THR
1753310 PHOENIX-1753310 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 3-G1F-5,08 P26THR
More results

Similar Description - 1753323

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753336 PHOENIX-1753336 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 5-G1F-5,08 P26THR
1753349 PHOENIX-1753349 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 6-G1F-5,08 P26THR
1753352 PHOENIX-1753352 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 7-G1F-5,08 P26THR
1753365 PHOENIX-1753365 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 8-G1F-5,08 P26THR
1753378 PHOENIX-1753378 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 9-G1F-5,08 P26THR
1753417 PHOENIX-1753417 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/13-G1F-5,08 P26THR
1753420 PHOENIX-1753420 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/14-G1F-5,08 P26THR
1753446 PHOENIX-1753446 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/16-G1F-5,08 P26THR
1753462 PHOENIX-1753462 Datasheet
68Kb / 3P
Printed-circuit board connector - CCDN 2,5/18-G1F-5,08 P26THR
1753381 PHOENIX-1753381 Datasheet
139Kb / 8P
Printed-circuit board connector - CCDN 2,5/10-G1F-5,08 P26THR
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com