Electronic Components Datasheet Search
  English  ▼

X  

1753860 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753860
Description  Printed-circuit board connector - MSTBA 2,5/ 8-G THT R56
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753860 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753860 Datasheet HTML 1Page - PHOENIX CONTACT 1753860 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1753860
03/27/2014   Page 1 / 2
Printed-circuit board connector - MSTBA 2,5/ 8-G THT R56 - 1753860
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Number of positions: 8, Pitch: 5 mm, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
330 pc
Weight per Piece (excluding packing)
5.36 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
35 mm
General
Range of articles
MSTBA 2,5/..-G-THT
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
black
Number of positions
8
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637


Similar Part No. - 1753860

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17538 ETC2-17538 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Festo Corporation.
175380 FESTO-175380 Datasheet
86Kb / 1P
Plug
logo
PHOENIX CONTACT
1753802 PHOENIX-1753802 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 5
1753815 PHOENIX-1753815 Datasheet
96Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 7
1753819 PHOENIX-1753819 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/21-G
More results

Similar Description - 1753860

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1750210 PHOENIX-1750210 Datasheet
54Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 8-G BK
1735642 PHOENIX-1735642 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/10-G THT R88
1748264 PHOENIX-1748264 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 8-G AU
1927551 PHOENIX-1927551 Datasheet
205Kb / 4P
MSTBA 2,5/ 8-G THT
1937295 PHOENIX-1937295 Datasheet
108Kb / 5P
Base strip - MSTBA 2,5/ 8-G-5,08 THT-R56
1966893 PHOENIX-1966893 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 2-G THT-R32
1970087 PHOENIX-1970087 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 4-G THT-R32
1809131 PHOENIX-1809131 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/ 8-G-5,08-LR
1898897 PHOENIX-1898897 Datasheet
329Kb / 12P
Printed-circuit board connector - DFK-MSTBA 2,5/ 8-G-5,08
1741656 PHOENIX-1741656 Datasheet
89Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 8-G-5,08 BK
11/04/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com