Electronic Components Datasheet Search
  English  ▼

X  

1754889 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754889
Description  MSTBV 2,5/24-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754889 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754889 Datasheet HTML 1Page - PHOENIX CONTACT 1754889 Datasheet HTML 2Page - PHOENIX CONTACT 1754889 Datasheet HTML 3Page - PHOENIX CONTACT 1754889 Datasheet HTML 4Page - PHOENIX CONTACT 1754889 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 31, 2011
Extract from the online
catalog
 
MSTBV 2,5/24-G
Order No.: 1753877
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1753877
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of
positions: 24, Pitch: 5 mm, Color: green, Metal surface: Sn, Assembly:
Soldering
 
Commercial data
GTIN (EAN)
4
017918
028596
Note
Made-to-order
sales group
E110
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 168 (CC-2005)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
5 mm
Dimension a
115 mm
Number of positions
24


Similar Part No. - 1754889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754889 PHOENIX-1754889 Datasheet
106Kb / 8P
Plug - MSTB 2,5/24-ST
1754889 PHOENIX-1754889 Datasheet
148Kb / 5P
MSTB 2,5/24-G
More results

Similar Description - 1754889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1748691 PHOENIX-1748691 Datasheet
96Kb / 2P
MSTBV 2,5/ 3-G AU
1753550 PHOENIX-1753550 Datasheet
146Kb / 5P
MSTBV 2,5/ 8-G
1753631 PHOENIX-1753631 Datasheet
144Kb / 5P
MSTBV 2,5/12-G
1753673 PHOENIX-1753673 Datasheet
148Kb / 5P
MSTBV 2,5/14-G
1753437 PHOENIX-1753437 Datasheet
145Kb / 5P
MSTBV 2,5/ 2-G
1753453 PHOENIX-1753453 Datasheet
145Kb / 5P
MSTBV 2,5/ 3-G
1753479 PHOENIX-1753479 Datasheet
145Kb / 5P
MSTBV 2,5/ 4-G
1753495 PHOENIX-1753495 Datasheet
145Kb / 5P
MSTBV 2,5/ 5-G
1758212 PHOENIX-1758212 Datasheet
151Kb / 5P
MSTBV 2,5/22-G-5,08
1758238 PHOENIX-1758238 Datasheet
151Kb / 5P
MSTBV 2,5/24-G-5,08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com