Electronic Components Datasheet Search
  English  ▼

X  

1754047 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754047
Description  Printed-circuit board connector - MVSTBR 2,5/ 3-STEHBK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754047 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754047 Datasheet HTML 1Page - PHOENIX CONTACT 1754047 Datasheet HTML 2Page - PHOENIX CONTACT 1754047 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/1754047
09.01.2013   Page 1 / 3
Printed-circuit board connector - MVSTBR 2,5/ 3-STEH
BK - 1754047
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 3, Pitch: 5 mm, Connection method:
Screw connection, Color: Black, Contact surface: Tin
Key commercial data
Packing unit
0
Minimum order quantity
50
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
10 mm
Number of positions
3
Technical data
Range of articles
MVSTBR 2,5/..-STEH
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
250 V
Nominal cross section
2.5 mm²
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²


Similar Part No. - 1754047

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
175404 FESTO-175404 Datasheet
87Kb / 2P
Proximity sensor
More results

Similar Description - 1754047

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700127 PHOENIX-1700127 Datasheet
48Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST KMGY LUB
1710214 PHOENIX-1710214 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST BK LUB
1740411 PHOENIX-1740411 Datasheet
55Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST BK
1779408 PHOENIX-1779408 Datasheet
58Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST AU
1765111 PHOENIX-1765111 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST-5,08 GY
1872020 PHOENIX-1872020 Datasheet
48Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/ 3-STFEH5,08BD19-21
1876589 PHOENIX-1876589 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST BD:1-3
1912524 PHOENIX-1912524 Datasheet
126Kb / 9P
Printed-circuit board connector - MVSTBR 2,5 HC/ 3-STF
1925621 PHOENIX-1925621 Datasheet
50Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-STEH
1714979 PHOENIX-1714979 Datasheet
178Kb / 8P
Printed-circuit board connector - MVSTBR 2,5/ 3-STBD:X4/1-3
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com