Electronic Components Datasheet Search
  English  ▼

X  

1754539 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754539
Description  Printed-circuit board connector - MCV 1,5/10-G-3,81 P14 THRR56
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754539 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754539 Datasheet HTML 1Page - PHOENIX CONTACT 1754539 Datasheet HTML 2Page - PHOENIX CONTACT 1754539 Datasheet HTML 3Page - PHOENIX CONTACT 1754539 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1754539
10/24/2014   Page 1 / 4
Printed-circuit board connector - MCV 1,5/10-G-3,81 P14
THRR56 - 1754539
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 10, Pitch: 3.81 mm, Color:
black, Contact surface: Tin, Assembly: Taped SMD/THT/THR components, User information and design
recommendations for through hole reflow technology can be found under “Downloads”
Product Features
 Plug-in direction vertical to the PCB
 Pitch: 3.5 and 3.81 mm
 Low-profile THR headers with compact pitches
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
200 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
7.25 mm
Pitch
3.81 mm
Dimension a
34.29 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MCV 1,5/..-G-THR
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV


Similar Part No. - 1754539

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754533 PHOENIX-1754533 Datasheet
306Kb / 14P
Feed-through header - MSTB 2,5/ 7-G
1754533 PHOENIX-1754533 Datasheet
142Kb / 6P
MSTB 2,5/ 7-ST
1754533 PHOENIX-1754533 Datasheet
170Kb / 6P
MVSTBR 2,5/ 7-ST
1754533 PHOENIX-1754533 Datasheet
151Kb / 6P
MVSTBW 2,5/ 7-ST
More results

Similar Description - 1754539

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702665 PHOENIX-1702665 Datasheet
71Kb / 3P
Printed-circuit board connector - MC 1,5/ 8-G-3,81 P14 THRR56
1702667 PHOENIX-1702667 Datasheet
71Kb / 3P
Printed-circuit board connector - MC 1,5/10-G-3,81 P14 THRR56
1754526 PHOENIX-1754526 Datasheet
68Kb / 4P
Printed-circuit board connector - MCV 1,5/ 8-G-3,81 P14 THRR56
1780260 PHOENIX-1780260 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 5-G-3,5 P14 THRR56
1780286 PHOENIX-1780286 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 6-G-3,5 P14 THRR56
1780309 PHOENIX-1780309 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 7-G-3,5 P14 THRR56
1780325 PHOENIX-1780325 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 8-G-3,5 P14 THRR56
1780341 PHOENIX-1780341 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 9-G-3,5 P14 THRR56
1780367 PHOENIX-1780367 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/10-G-3,5 P14 THRR56
1780383 PHOENIX-1780383 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/11-G-3,5 P14 THRR56
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com