Electronic Components Datasheet Search
  English  ▼

X  

HJS36015 Datasheet(PDF) 1 Page - Schneider Electric

Part # HJS36015
Description  Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HJS36015 Datasheet(HTML) 1 Page - Schneider Electric

  HJS36015 Datasheet HTML 1Page - Schneider Electric HJS36015 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HJS36015
Circuit breaker, PowerPact H, thermal magnetic,
15A, 3 pole, 600V, 25kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Main
Product or component type
Circuit breaker
Range of product
PowerPact H
Trip Unit Type
Thermal-magnetic
Breaking capacity code
J
Complementary
Line Rated Current
15 A
Number of Poles
3P
Interrupt Rating
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
20 kA 250 V DC
[Ue] rated operational voltage
250 V DC
600 V AC
Continuous current rating
80 %
Mounting mode
Unit mount
Electrical connection
Lugs load
Lugs line
Location of connection
Rear
Magnetic hold current
800 A
Magnetic tripping current
1450 A
Maximum Height
7.4 in (187.96 mm)
Width
4.12 in (104.65 mm)
Depth
10.19 in (258.83 mm)
Environment
Product certifications
UL Listed
CSA
Jul 27, 2020
1


Similar Part No. - HJS36015

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HJS6 HUBBELL-HJS6 Datasheet
316Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS624 HUBBELL-HJS624 Datasheet
248Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6A HUBBELL-HJS6A Datasheet
319Kb / 1P
Category 6A Shielded Jack with Cobra-Lock??Termination
HJS6A24 HUBBELL-HJS6A24 Datasheet
318Kb / 1P
Category 6A Shielded Jack with Cobra-Lock??Termination
HJS6AB HUBBELL-HJS6AB Datasheet
308Kb / 1P
Category 6A Shielded Jack with Cobra-Lock??Termination
More results

Similar Description - HJS36015

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HJF36015 SCHNEIDER-HJF36015 Datasheet
141Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA
Jul 14, 2020
HJL26015 SCHNEIDER-HJL26015 Datasheet
146Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 2 pole, 600V, 25kA
Jul 14, 2020
HJL36015 SCHNEIDER-HJL36015 Datasheet
136Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA
Jul 14, 2020
HJL36015AA SCHNEIDER-HJL36015AA Datasheet
142Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA, auxiliary switch
Jul 14, 2020
HJL36015C SCHNEIDER-HJL36015C Datasheet
149Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA, 100% rated
Jul 14, 2020
HJL36015AB SCHNEIDER-HJL36015AB Datasheet
142Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA, auxiliary switch
Jul 27, 2020
HJL36015SA SCHNEIDER-HJL36015SA Datasheet
142Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA, shunt trip
Jul 27, 2020
HJM36015 SCHNEIDER-HJM36015 Datasheet
143Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA
Jul 27, 2020
HJP26015 SCHNEIDER-HJP26015 Datasheet
142Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 2 pole, 600V, 25kA
Jul 27, 2020
HJP36015 SCHNEIDER-HJP36015 Datasheet
141Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA
Jul 27, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com