Electronic Components Datasheet Search
  English  ▼

X  

1754850 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754850
Description  MSTB 2,5/23-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754850 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754850 Datasheet HTML 1Page - PHOENIX CONTACT 1754850 Datasheet HTML 2Page - PHOENIX CONTACT 1754850 Datasheet HTML 3Page - PHOENIX CONTACT 1754850 Datasheet HTML 4Page - PHOENIX CONTACT 1754850 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/23-G
Order No.: 1754850
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754850
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of
positions: 23, Pitch: 5 mm, Color: green, Metal surface: Sn, Assembly:
Soldering
 
Commercial data
GTIN (EAN)
4
017918
029029
Note
Made-to-order
sales group
E110
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 166 (CC-2005)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
12 mm
Pitch
5 mm
Dimension a
110 mm
Number of positions
23


Similar Part No. - 1754850

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754850 PHOENIX-1754850 Datasheet
144Kb / 6P
MSTB 2,5/23-ST
More results

Similar Description - 1754850

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754436 PHOENIX-1754436 Datasheet
144Kb / 5P
MSTB 2,5/ 2-G
1754452 PHOENIX-1754452 Datasheet
145Kb / 5P
MSTB 2,5/ 3-G
1754478 PHOENIX-1754478 Datasheet
144Kb / 5P
MSTB 2,5/ 4-G
1754559 PHOENIX-1754559 Datasheet
145Kb / 5P
MSTB 2,5/ 8-G
1754591 PHOENIX-1754591 Datasheet
145Kb / 5P
MSTB 2,5/10-G
1754630 PHOENIX-1754630 Datasheet
145Kb / 5P
MSTB 2,5/12-G
1754779 PHOENIX-1754779 Datasheet
147Kb / 5P
MSTB 2,5/19-G
1754863 PHOENIX-1754863 Datasheet
144Kb / 6P
MSTB 2,5/23-ST
1754876 PHOENIX-1754876 Datasheet
148Kb / 5P
MSTB 2,5/24-G
1759224 PHOENIX-1759224 Datasheet
60Kb / 3P
Base strip - MSTB 2,5/23-G-5,08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com